|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
UG06A THRU UG06D MINIATURE ULTRAFAST EFFICIENT PLASTIC RECTIFIER Reverse Voltage - 50 to 200 Volts Case Style MPG06 Forward Current - 0.6 Ampere Plastic package has Underwriters Laboratories Flammability Classification 94V-0 Ideally suited for use in very high frequency switching power supplies, inverters and as a free wheeling diode Ultrafast reverse recovery times for high efficiency Soft recovery characteristics Excellent high temperature switching Glass passivated junction High temperature soldering guaranteed: 250C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension FEATURES 0.100 (2.54) 0.090 (2.29) DIA 1.0 (25.4) MIN. 0.125 (3.18) 0.115 (2.92) 1.0 (25.4) MIN. 0.025 (0.635) 0.023 (0.584) DIA. MECHANICAL DATA Case: Void free molded plastic body over passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any WeIght: 0.0064 ounce, 0.181 gram Dimensions in inches and (millimeters) MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. SYMBOLS UG06A UG06B UG06C UG06D UNITS Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current 0.375" (9.5mm) lead length at TL=75C Peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (JEDEC Method) at TL=75C Maximum instantaneous forward voltage at 0.6A Maximum DC reverse current at rated DC blocking voltage Maximum reverse recovery time (NOTE 1) Maximum reverse recovery time (NOTE 2) VRRM VRMS VDC I(AV) IFSM VF IR trr TJ=25C TJ=100C TJ=25C TJ=100C trr Qrr CJ RJA RJL TJ, TSTG 50 35 50 100 70 100 0.6 40.0 0.95 150 105 150 200 140 200 Volts Volts Volts Amp Amps Volts A ns ns nC pF C/W C TA=25C TA=100C 5.0 100.0 15.0 25.0 35.0 8.0 20.0 9.0 97.0 28.0 -55 to +150 Maximum recovered stored charge (NOTE 2) Typical junction capacitance (NOTE 3) Typical thermal resistance (NOTE 4) Operating junction and storage temperature range NOTES: (1) Reverse recovery test conditions: IF=0.5A, IR=1.0A,Irr=0.25A (2) trr and Qrr measured at IF=0.6A: VR=30V, di/dt=50A/s, Irr=10% IRM for meaurement of trr (3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts (4) Thermal resistance from junction to ambient and junction to lead at 0.375" (9.5mm) lead length P.C.B. mounted with 0.2 x 0.2" (5.0 x 5.0mm) copper pads 4/98 RATINGS AND CHARACTERISTIC CURVES UG06A THRU UG06D FIG. 1 - MAXIMUM FORWARD CURRENT DERATING CURVES FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT 0.9 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES 0.75 TL, LEAD TEMPERATURE 0.6 0.45 0.3 0.15 0 TA, AMBIENT TEMPERATURE P.C.B. MOUNTED 0.2 x 0.2" (5.0 x 5.0mm) COPPER PADS PEAK FORWARD SURGE CURRENT, AMPERES RESISTIVE OR INDUCTIVE LOAD 0.375" (9.5mm) LEAD LENGTH 100 TJ=75C 8.3ms SINGLE HALF SINE-WAVE (JEDEC Method) 10 1 0 25 50 75 100 125 150 175 TEMPERATURE, C 1 10 NUMBER OF CYCLES AT 60 HZ 100 INSTANTANEOUS FORWARD CURRENT, AMPERES 100 TJ=100C INSTANTANEOUS REVERSE LEAKAGE CURRENT, MICROAMPERES FIG. 3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS FIG. 4 - TYPICAL REVERSE LEAKAGE CHARACTERISTICS 1,000 10 TJ=25C PULSE WIDTH=300s 1% DUTY CYCLE 100 TJ=100C 10 1 TJ=25C 1 0.1 0.1 0.01 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0 20 40 60 80 100 INSTANTANEOUS FORWARD VOLTAGE, VOLTS PERCENT OF RATED PEAK REVERSE VOLTAGE, % FIG. 5 - REVERSE SWITCHING CHARACTERISTICS FIG. 6 - TYPICAL JUNCTION CAPACITANCE 60 RECOVERED pP CHARGE/REVERSE RECOVERY TIME, nC/ns 50 40 di/dt=20A/s JUNCTION CAPACITANCE, pF IF=0.6A VR=30V 100 trr Qrr TJ=25C f=1.0 MHZ Vsig=50mVp-p 30 20 10 di/dt=50A/s di/dt=100A/s di/dt=150A/s di/dt=150A/s di/dt=100A/s di/dt=50A/s di/dt=20A/s 10 1 0.1 175 1 10 100 0 REVERSE VOLTAGE, VOLTS 0 25 50 75 100 125 150 JUNCTION TEMPERATURE C |
Price & Availability of UG06A |